Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD4903 Fiches technique(PDF) 54 Page - OSRAM GmbH

No de pièce TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Fiches technique(HTML) 54 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 50Page - OSRAM GmbH TMD4903 Datasheet HTML 51Page - OSRAM GmbH TMD4903 Datasheet HTML 52Page - OSRAM GmbH TMD4903 Datasheet HTML 53Page - OSRAM GmbH TMD4903 Datasheet HTML 54Page - OSRAM GmbH TMD4903 Datasheet HTML 55Page - OSRAM GmbH TMD4903 Datasheet HTML 56Page - OSRAM GmbH TMD4903 Datasheet HTML 57Page - OSRAM GmbH TMD4903 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
Datasheet, Public
Page 53
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Register Description
Interrupt Enable Register (INTENAB 0xDD)
Figure 65:
Interrupt Enable Register
765432
1
0
ASIEN
PGSIEN
PIEN
AIEN
IIEN
Reserved
CIEN
Reserved
Field
Bits
Description
ASIEN
7
ALS Saturation Interrupt Enable. When asserted permits ALS
saturation interrupts to be generated. Bit is mirrored in the CFG1
register.
PGSIEN
6
Proximity Saturation Interrupt Enable. When asserted permits
proximity saturation interrupts to be generated. Bit is mirrored in the
CFG1 register.
PIEN
5
Proximity Interrupt Enable. When asserted permits proximity
interrupts to be generated, subject to the proximity thresholds and
persistence filter. Bit is mirrored in the ENABLE register.
AIEN
4
ALS Interrupt Enable. When asserted permits ALS interrupts to be
generated, subject to the ALS thresholds and persistence filter. Bit is
mirrored in the ENABLE register.
IIEN
3
IRBeam Interrupt Enable. When asserted permits IRBeam interrupts to
be generated. Bit is mirrored in the ICONFIG register.
Reserved
2
Reserved. Bit must be set to 0.
CIEN
1
Calibration Interrupt Enable. When asserted permits calibration
interrupts to be generated.
Reserved
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86