| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD4903 Fiches technique(PDF) 39 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD4903 Fiches technique(HTML) 39 Page - OSRAM GmbH |
|
39 / 86 page ![]() Page 38 Datasheet, Public Document Feedback [v2-00] 2022-Nov-03 TMD4903 − Register Description IRBeam Configuration Register (ICONFIG 0xA0) Figure 44: IRBeam Configuration Register 76543210 Reserved IIEN SLEW Reserved ISQZT Field Bits Description Reserved 7:6 Reserved. IIEN 5 IRBeam Interrupt Enable. When asserted permits IRBeam interrupts to be generated. SLEW 4 Slew Rate Control. Must be set to 1. Slew rate is used to maintain LED pulse symmetry. Reserved 3 Reserved. ISQZT 2:0 IRBeam Symbol Quiet Zone Time. Defines the delay between symbols as a multiple of fundamental bit-times (IBT), calculated as follows: tISQZT = nISQZT X tIBT VALUE QUIET ZONE DURATION 0 0 bit-times (Not activated) 1 5 bit-times 2 9 bit-times … nISQZT = 2 ISQZT + 1 + 1 6 129 bit-times 7 257 bit-times |