Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD4903 Fiches technique(PDF) 43 Page - OSRAM GmbH

No de pièce TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Fiches technique(HTML) 43 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 39Page - OSRAM GmbH TMD4903 Datasheet HTML 40Page - OSRAM GmbH TMD4903 Datasheet HTML 41Page - OSRAM GmbH TMD4903 Datasheet HTML 42Page - OSRAM GmbH TMD4903 Datasheet HTML 43Page - OSRAM GmbH TMD4903 Datasheet HTML 44Page - OSRAM GmbH TMD4903 Datasheet HTML 45Page - OSRAM GmbH TMD4903 Datasheet HTML 46Page - OSRAM GmbH TMD4903 Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
Page 42
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
IRBeam Bit Time Register (IBT 0xA6)
Figure 50:
IRBeam Bit Time Register
IRBeam Symbol Length Register (ISLEN 0xA7)
Figure 51:
IRBeam Symbol Length Register
76
5
4
3
2
1
0
Reserved
IBT
Field
Bits
Description
Reserved
7:6
Reserved.
IBT
5:0
IRBeam Bit Time. Defines the fundamental IRBeam bit-time, tIBT, which can
range from 0.25μs to 64μs. The IRBeam bit time is set by the following equation:
tIBT = (IBT + 1) X 0.25μs
76
5
4
3
2
10
ISLEN
Field
Bits
Description
ISLEN
7:0
IRBeam Symbol Length. Defines the length of the IRBeam Symbol in bytes. The
minimum length is 2 bytes, meaning the minimum register value is 1. The
following equation describes the length of the Symbol in bytes:
lSymbol = ISLEN + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86