| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD4903 Fiches technique(PDF) 76 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD4903 Fiches technique(HTML) 76 Page - OSRAM GmbH |
|
76 / 86 page ![]() Datasheet, Public Page 75 [v2-00] 2022-Nov-03 Document Feedback TMD4903 − PCB Pad Layout Suggested PCB pad layout guidelines for the surface mount module are shown. Flash Gold is recommended as a surface finish for the landing pads. Figure 85: Recommended PCB Pad Layout Note(s): 1. All linear dimensions are in millimeters. 2. Dimension tolerances are ±0.05mm unless otherwise noted. 3. This drawing is subject to change without notice. PCB Pad Layout |