Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD4903 Fiches technique(PDF) 33 Page - OSRAM GmbH

No de pièce TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Fiches technique(HTML) 33 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 29Page - OSRAM GmbH TMD4903 Datasheet HTML 30Page - OSRAM GmbH TMD4903 Datasheet HTML 31Page - OSRAM GmbH TMD4903 Datasheet HTML 32Page - OSRAM GmbH TMD4903 Datasheet HTML 33Page - OSRAM GmbH TMD4903 Datasheet HTML 34Page - OSRAM GmbH TMD4903 Datasheet HTML 35Page - OSRAM GmbH TMD4903 Datasheet HTML 36Page - OSRAM GmbH TMD4903 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
Page 32
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
Configuration Register One (CFG1 0x90)
CFG1 has fields that enable or disable the saturation interrupts
for Proximity and ALS and set the electrical gain of the ALS
response.
Figure 36:
Configuration Register One
Revision ID Register (REVID 0x91)
Figure 37:
Revision ID Register
765
4
3
2
1
0
PGSIEN
ASIEN
Reserved
AGAIN
Field
Bits
Description
PGSIEN
7
Proximity Saturation Interrupt Enable. When asserted permits proximity
saturation interrupts to be generated.
ASIEN
6
ALS Saturation Interrupt Enable. When asserted permits ALS saturation
interrupts to be generated.
Reserved
5:2
Reserved. Bits must be set to 0.
AGAIN
1:0
ALS and Color Gain Control.
FIELD VALUE
CRGB GAIN VALUE
0
1x Gain
1
4x Gain
216x Gain
364x Gain
76
5
4
3
21
0
Reserved
REV_ID
Field
Bits
Description
Reserved
7:3
Reserved. Default value is 00100.
REV_ID
2:0
Wafer die revision level. Default value is 010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86