Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD4903 Fiches technique(PDF) 41 Page - OSRAM GmbH

No de pièce TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Fiches technique(HTML) 41 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 37Page - OSRAM GmbH TMD4903 Datasheet HTML 38Page - OSRAM GmbH TMD4903 Datasheet HTML 39Page - OSRAM GmbH TMD4903 Datasheet HTML 40Page - OSRAM GmbH TMD4903 Datasheet HTML 41Page - OSRAM GmbH TMD4903 Datasheet HTML 42Page - OSRAM GmbH TMD4903 Datasheet HTML 43Page - OSRAM GmbH TMD4903 Datasheet HTML 44Page - OSRAM GmbH TMD4903 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
Page 40
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
IRBeam Symbol Looping Register (ISNL 0xA2)
Figure 46:
IRBeam Symbol Looping Register
IRBeam Inter-Symbol OFF Register
(ISOFF 0xA3)
Figure 47:
IRBeam Inter-Symbol OFF Register
76
5
4
3
2
10
ISNL
Field
Bits
Description
ISNL
7:0
IRBeam Symbol Looping. Sets the number of times that a Symbol is repeated in
each Packet. A Symbol is a single IRBeam data transmission. The following
equation describes the number of Symbols per Packet as a function of ISNL:
nSymbol Repetitions = ISNL + 1
76
5
4
3
2
10
ISOFF
Field
Bits
Description
ISOFF
7:0
Inter-Symbol Delay Time. Defines the delay (LED OFF) between Symbols within
Packets, tISDT, which can range from 4.25μs to 127.75μs. The minimum permitted
register value is 8. The following equation describes the time delay as a function
of ISOFF and IBT:
tISDT = [(2 X ISOFF) + 1] X tIBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86