| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD4903 Fiches technique(PDF) 38 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD4903 Fiches technique(HTML) 38 Page - OSRAM GmbH |
|
38 / 86 page ![]() Datasheet, Public Page 37 [v2-00] 2022-Nov-03 Document Feedback TMD4903 − Register Description Configuration Register Two (CFG2 0x9F) Figure 43: Configuration Register Two 7 654 3210 PMASK_E PMASK_W PMASK_S PMASK_N AMASK Reserved Field Bits Description PMASK_E 7 Proximity Mask East. Writing a 1 disables the East photodiode. PMASK_W 6 Proximity Mask West. Writing a 1 disables the West photodiode. PMASK_S 5 Proximity Mask South. Writing a 1 disables the South photodiode. PMASK_N 4 Proximity Mask North. Writing a 1 disables the North photodiode. AMASK 3 ALS Mask. Writing a 1 reduces the ALS gain by a factor of the ALS photodiode pixels. Only the center 2x2 array of pixels remains enabled out of the 4x4 array. Reduces ALS sensitivity for measurement of maximum ambient light levels. Reserved 2:0 Reserved. |