| Moteur de recherche de fiches techniques de composants électroniques |
|
AM263P4 Fiches technique(PDF) 138 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 Fiches technique(HTML) 138 Page - Texas Instruments |
|
138 / 154 page ![]() 6.11.5.14 Sigma Delta Filter Module (SDFM) For more information, see Sigma Delta Filter Module section in the device TRM. 6.11.5.14.1 SDFM Timing Conditions PARAMETER MODE MIN MAX UNIT INPUT CONDITIONS SRI Input Slew Rate Mode 0 0.5 5 V/ns 6.11.5.14.2 SDFM Switching Characteristics (2) NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT M0-1 tc(SDC) Cycle time, SDx_Cy Mode 0 5P(1) 256P(1) ns M0-2 tw(SDCHL) Pulse duration, SDx_Cy (high/low) Mode 0 2P(1) ns M0-3 tsh(SDDV-SDCH) Setup time, SDx_Dy valid before SDx_Cy high Mode 0 2P(1) ns M0-4 th(SDCH-SDD) Hold time, SDx_Dy wait after SDx_Cy high Mode 0 2P(1) ns (1) P = SYSCLK period in ns. (2) Some SDFM signals are pinmuxed with I2C0 SDA and SCL pins. These pins use an alternate open drain voltage buffer and may not meet the specified parameters. Values are pending additional post-silicon validation. TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 138 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |