Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM263P4 Fiches technique(PDF) 31 Page - Texas Instruments

No de pièce AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Fiches technique(HTML) 31 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 27Page - Texas Instruments AM263P4 Datasheet HTML 28Page - Texas Instruments AM263P4 Datasheet HTML 29Page - Texas Instruments AM263P4 Datasheet HTML 30Page - Texas Instruments AM263P4 Datasheet HTML 31Page - Texas Instruments AM263P4 Datasheet HTML 32Page - Texas Instruments AM263P4 Datasheet HTML 33Page - Texas Instruments AM263P4 Datasheet HTML 34Page - Texas Instruments AM263P4 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
H18
H18
PR0_PRU0_GPIO16
PR0_PRU0_GPIO16_CFG_REG
0x5310 0184
0x0000 05F7
PR0_PRU0_GPIO16
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RGMII2_TXC
3
O
MII2_TXCLK
4
I
EPWM27_A
5
O
GPIO97
7
IO
EPWM27_A
10
O
F18
F18
PR0_PRU1_GPIO0
PR0_PRU1_GPIO0_CFG_REG
0x5310 01B4
0x0000 05F7
PR0_PRU1_GPIO0
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN1_RX
1
I
FSITX2_DATA1
3
O
TRC_DATA6
4
O
GPIO109
7
IO
EPWM23_A
10
O
G16
G16
PR0_PRU1_GPIO1
PR0_PRU1_GPIO1_CFG_REG
0x5310 01B8
0x0000 05F7
PR0_PRU1_GPIO1
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN1_TX
1
O
FSIRX2_CLK
3
I
TRC_DATA7
4
O
GPIO110
7
IO
E17
E17
PR0_PRU1_GPIO2
PR0_PRU1_GPIO2_CFG_REG
0x5310 01BC
0x0000 05F7
PR0_PRU1_GPIO2
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN4_RX
1
I
FSIRX2_DATA0
3
I
TRC_DATA8
4
O
GPIO111
7
IO
E18
E18
PR0_PRU1_GPIO3
PR0_PRU1_GPIO3_CFG_REG
0x5310 01C0
0x0000 05F7
PR0_PRU1_GPIO3
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN4_TX
1
O
FSIRX2_DATA1
3
I
TRC_DATA9
4
O
GPIO112
7
IO
EPWM23_B
10
O
F16
F16
PR0_PRU1_GPIO4
PR0_PRU1_GPIO4_CFG_REG
0x5310 01B0
0x0000 05F7
PR0_PRU1_GPIO4
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN0_TX
1
O
FSITX2_DATA0
3
O
TRC_DATA5
4
O
GPIO108
7
IO
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More