| Moteur de recherche de fiches techniques de composants électroniques |
|
AM263P4 Fiches technique(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 Fiches technique(HTML) 55 Page - Texas Instruments |
|
55 / 154 page ![]() Table 5-64. GPIO Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] GPIO106 IO General Purpose Input/Output D18 D18 GPIO107 IO General Purpose Input/Output E16 E16 GPIO108 IO General Purpose Input/Output F16 F16 GPIO109 IO General Purpose Input/Output F18 F18 GPIO110 IO General Purpose Input/Output G16 G16 GPIO111 IO General Purpose Input/Output E17 E17 GPIO112 IO General Purpose Input/Output E18 E18 GPIO113 IO General Purpose Input/Output C16 C16 GPIO114 IO General Purpose Input/Output A17 A17 GPIO115 IO General Purpose Input/Output B18 B18 GPIO116 IO General Purpose Input/Output B17 B17 GPIO117 IO General Purpose Input/Output D16 D16 GPIO118 IO General Purpose Input/Output C17 C17 GPIO119 IO General Purpose Input/Output D15 D15 GPIO120 IO General Purpose Input/Output C15 C15 GPIO121 IO General Purpose Input/Output P2 P2 GPIO122 IO General Purpose Input/Output B16 B16 GPIO123 IO General Purpose Input/Output D14 D14 GPIO124 IO General Purpose Input/Output A16 A16 GPIO125 IO General Purpose Input/Output D13 D13 GPIO126 IO General Purpose Input/Output B15 B15 GPIO127 IO General Purpose Input/Output C13 C13 GPIO128 IO General Purpose Input/Output A15 A15 GPIO129 IO General Purpose Input/Output C14 C14 GPIO130 IO General Purpose Input/Output B14 B14 GPIO131 IO General Purpose Input/Output A14 A14 GPIO132 IO General Purpose Input/Output C12 C12 GPIO133 IO General Purpose Input/Output D11 D11 GPIO134 (2) IOD General Purpose Input/Output B13 B13 GPIO135 (3) IOD General Purpose Input/Output A13 A13 GPIO136 IO General Purpose Input/Output B12 B12 GPIO137 IO General Purpose Input/Output A12 A12 GPIO138 IO General Purpose Input/Output M2 M2 GPIO20 IO General Purpose Input/Output B9 B9 GPIO21 IO General Purpose Input/Output B8 B8 GPIO22 IO General Purpose Input/Output A8 A8 GPIO23 IO General Purpose Input/Output D7 D7 GPIO24 IO General Purpose Input/Output C8 C8 GPIO25 IO General Purpose Input/Output C7 C7 GPIO26 IO General Purpose Input/Output B7 B7 GPIO27 IO General Purpose Input/Output A7 A7 GPIO28 IO General Purpose Input/Output A6 A6 GPIO29 IO General Purpose Input/Output R17 R17 GPIO30 (1) IO General Purpose Input/Output R18 GPIO31 (1) IO General Purpose Input/Output U17 GPIO32 (1) IO General Purpose Input/Output T17 GPIO33 (1) IO General Purpose Input/Output U18 GPIO34 (1) IO General Purpose Input/Output T18 GPIO35 IO General Purpose Input/Output N18 N18 GPIO36 IO General Purpose Input/Output M18 M18 TI Information - Selective Disclosure www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 55 |