| Moteur de recherche de fiches techniques de composants électroniques |
|
AM263P4 Fiches technique(PDF) 93 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 Fiches technique(HTML) 93 Page - Texas Instruments |
|
93 / 154 page ![]() RGMII[x]_TXC (A) RGMII[x]_TD[3:0] (B) RGMII[x] TX_CTL _ (B) RGMII9 1st Half-byte TXERR TXEN 2nd Half-byte RGMII7 RGMII8 RGMII6 RGMII10 A. TXC is delayed internally before being driven to the RGMII[x]_TXC pin. This internal delay is by fault enabled after POR. B. Data and control information is received using both edges of the clocks. RGMII[x]_TD[3:0] carries data bits 3-0 on the rising edge of RGMII[x]_TXC and data bits 7-4 on the falling edge of RGMII[x]_TXC. Similarly, RGMII[x]_TX_CTL carries TXEN on rising edge of RGMII[x]_TXC and TXERR on falling edge of RGMII[x]_TXC. Figure 6-10. CPSW RGMII[x]_TXC, RGMII[x]_TD[3:0], and RGMII[x]_TX_CTL Switching Characteristics - RGMII Mode TI Information - Selective Disclosure www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 93 |