| Moteur de recherche de fiches techniques de composants électroniques |
|
AM263P4 Fiches technique(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 Fiches technique(HTML) 74 Page - Texas Instruments |
|
74 / 154 page ![]() over recommended operating conditions (unless otherwise noted) PARAMETER MIN TYP MAX UNIT IL Input Leakage Current, Receiver Disabled, Pull Disabled –18 18 μA Input Leakage Current, Receiver Disabled, Pullup Enabled –243 –100 –19 μA Input Leakage Current, Receiver Disabled, Pulldown Enabled 51 100 210 μA (1) VDDS33 is the voltage on the corresponding power-supply pin on the IC. TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 74 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |