| Moteur de recherche de fiches techniques de composants électroniques |
|
AM263P4 Fiches technique(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 Fiches technique(HTML) 52 Page - Texas Instruments |
|
52 / 154 page ![]() Table 5-43. EPWM22 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM22_A O EPWM Output A G17 G17 EPWM22_B O EPWM Output B F17, G18 F17, G18 Table 5-44. EPWM23 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM23_A O EPWM Output A F18, G18 F18, G18 EPWM23_B O EPWM Output B E18, G15 E18, G15 Table 5-45. EPWM24 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM24_A O EPWM Output A K15 K15 EPWM24_B O EPWM Output B K16 K16 Table 5-46. EPWM25 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM25_A O EPWM Output A K17 K17 EPWM25_B O EPWM Output B K18 K18 Table 5-47. EPWM26 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM26_A O EPWM Output A J18 J18 EPWM26_B O EPWM Output B J17 J17 Table 5-48. EPWM27 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM27_A O EPWM Output A H18 H18 EPWM27_B O EPWM Output B H17, L16 H17, L16 Table 5-49. EPWM28 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM28_A O EPWM Output A M16 M16 EPWM28_B O EPWM Output B M15 M15 Table 5-50. EPWM29 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM29_A O EPWM Output A G15, H17 G15, H17 EPWM29_B O EPWM Output B H16 H16 Table 5-51. EPWM30 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM30_A O EPWM Output A F15 F15 EPWM30_B O EPWM Output B C18 C18 Table 5-52. EPWM31 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM31_A O EPWM Output A D17 D17 EPWM31_B O EPWM Output B D18 D18 TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 52 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |