| Moteur de recherche de fiches techniques de composants électroniques |
|
AM263P4 Fiches technique(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 Fiches technique(HTML) 37 Page - Texas Instruments |
|
37 / 154 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued) ZCZ_C BALL NUMBER [1] ZCZ_S BALL NUMBER [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] B15 B15 SDFM0_CLK2 SDFM0_CLK2_CFG_REG 0x5310 01F8 0x0000 05F7 UART5_TXD 0 O Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD I2C3_SCL 5 IO GPIO126 7 IO SDFM0_CLK2 8 I ADC_EXTCH_XBAROUT8 9 O A15 A15 SDFM0_CLK3 SDFM0_CLK3_CFG_REG 0x5310 0200 0x0000 05F7 MCAN3_TX 0 O Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD UART5_RXD 1 I GPIO128 7 IO SDFM0_CLK3 8 I ADC_EXTCH_XBAROUT9 9 O D14 D14 SDFM0_D0 SDFM0_D0_CFG_REG 0x5310 01EC 0x0000 05F7 PR0_ECAP0_APWM_OUT 0 O Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD GPIO123 7 IO SDFM0_D0 8 I D13 D13 SDFM0_D1 SDFM0_D1_CFG_REG 0x5310 01F4 0x0000 05F7 PR0_PRU1_GPIO17 0 IO Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD UART5_CTSn 2 I PR0_IEP0_EDIO_DATA_IN_OUT30 3 IO GPIO125 7 IO SDFM0_D1 8 I C13 C13 SDFM0_D2 SDFM0_D2_CFG_REG 0x5310 01FC 0x0000 05F7 UART5_RXD 0 I Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD GPIO127 7 IO SDFM0_D2 8 I ADC_EXTCH_XBAROUT0 9 O C14 C14 SDFM0_D3 SDFM0_D3_CFG_REG 0x5310 0204 0x0000 05F7 MCAN3_RX 0 I Off / Off / Off Off / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD GPIO129 7 IO SDFM0_D3 8 I ADC_EXTCH_XBAROUT1 9 O A11 A11 SPI0_CLK SPI0_CLK_CFG_REG 0x5310 0030 0x0000 05D7 SPI0_CLK 0 IO On / Off / Off On / Off / Off 7 3.3 V VDDSHV0 Yes LVCMOS PU/PD UART3_TXD 1 O LIN3_TXD 2 IO FSITX0_CLK 6 O GPIO12 7 IO ADC_EXTCH_XBAROUT1 9 O SOP2 Bootstrap I TI Information - Selective Disclosure www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 37 |