Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM263P4 Fiches technique(PDF) 32 Page - Texas Instruments

No de pièce AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Fiches technique(HTML) 32 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 28Page - Texas Instruments AM263P4 Datasheet HTML 29Page - Texas Instruments AM263P4 Datasheet HTML 30Page - Texas Instruments AM263P4 Datasheet HTML 31Page - Texas Instruments AM263P4 Datasheet HTML 32Page - Texas Instruments AM263P4 Datasheet HTML 33Page - Texas Instruments AM263P4 Datasheet HTML 34Page - Texas Instruments AM263P4 Datasheet HTML 35Page - Texas Instruments AM263P4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
F15
F15
PR0_PRU1_GPIO5
PR0_PRU1_GPIO5_CFG_REG
0x5310 019C
0x0000 05F7
PR0_PRU1_GPIO5
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_CS0
2
IO
TRC_DATA0
4
O
EPWM30_A
5
O
GPIO103
7
IO
ADC_EXTCH_XBAROUT6
9
O
EPWM30_A
10
O
E16
E16
PR0_PRU1_GPIO6
PR0_PRU1_GPIO6_CFG_REG
0x5310 01AC
0x0000 05F7
PR0_PRU1_GPIO6
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN0_RX
1
I
FSITX2_CLK
3
O
TRC_DATA4
4
O
GPIO107
7
IO
D18
D18
PR0_PRU1_GPIO8
PR0_PRU1_GPIO8_CFG_REG
0x5310 01A8
0x0000 05F7
PR0_PRU1_GPIO8
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_D1
2
IO
TRC_DATA3
4
O
EPWM31_B
5
O
GPIO106
7
IO
RES0_PWMOUT1
8
O
EPWM31_B
10
O
C18
C18
PR0_PRU1_GPIO9
PR0_PRU1_GPIO9_CFG_REG
0x5310 01A0
0x0000 05F7
PR0_PRU1_GPIO9
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_CLK
2
IO
PR0_UART0_RXD
3
I
TRC_DATA1
4
O
EPWM30_B
5
O
GPIO104
7
IO
ADC_EXTCH_XBAROUT7
9
O
D17
D17
PR0_PRU1_GPIO10
PR0_PRU1_GPIO10_CFG_REG
0x5310 01A4
0x0000 05F7
PR0_PRU1_GPIO10
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_D0
2
IO
PR0_UART0_TXD
3
O
TRC_DATA2
4
O
EPWM31_A
5
O
GPIO105
7
IO
RES0_PWMOUT0
8
O
EPWM31_A
10
O
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More