| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3530 Fiches technique(PDF) 46 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS3530 Fiches technique(HTML) 46 Page - ams AG |
|
46 / 105 page ![]() Page 46 Datasheet, Public Document Feedback [v3-00] 2023-Jun-23 TCS3530 − Register O ver view CFG5 Register Figure 55: CFG5 Note(s): 1. Return to the Register Map (0xA6). Addr: 0xA6 CFG5 Bit Field Reset Type Bit Description 7Reserved 0 6:4 ALS_THRESHOLD_ CHANNEL 0R/W Selects the modulator channel used for the ALS threshold metering and subsequent interrupt. 000b default, Modulator 0 001b: Modulator 1 010b: Modulator 2 011b: Modulator 3 …. 111b: Modulator7 3:0 APERS 0 R/W ALS Interrupt Persistence. Defines a filter for the number of consecutive occurrences that ALS measurement data must remain outside the threshold range between AILT and AIHT before an interrupt is generated. The ALS data channel used for the persistence filter is set by ALS_THRESHOLD_CHANNEL. Any sample that is inside the threshold range resets the counter to 0. Interrupts are generated at 0x0: Every ALS cycle 0x1: Any ALS value outside the threshold range 0x2: 2 consecutive ALS values outside the range 0x3: 3 consecutive ALS values outside the range 0x4: 5 … 0x5: 10 … …… continued in increments of 5 values 0xE: 55 … 0xF: 60 consecutive ALS values outside the range |