| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3530 Fiches technique(PDF) 66 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS3530 Fiches technique(HTML) 66 Page - ams AG |
|
66 / 105 page ![]() Page 66 Datasheet, Public Document Feedback [v3-00] 2023-Jun-23 TCS3530 − Register O ver view MEAS_SEQR_STEP0_RESIDUAL Register Figure 90: MEAS_SEQR_STEP0_RESIDUAL Note(s): 1. Return to the Register Map (0xD4). MEAS_SEQR_STEP1_RESIDUAL Register Figure 91: MEAS_SEQR_STEP1_RESIDUAL Note(s): 1. Return to the Register Map (0xD5). Addr: 0xD4 MEAS_SEQR_STEP0_RESIDUAL Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP0_ MOD_RESIDUAL_ ENABLE_PATTERN 0xFF R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if a residual measurement shall be executed with the respective modulator during measurement sequencer step 0. Addr: 0xD5 MEAS_SEQR_STEP1_RESIDUAL Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP1_ MOD_RESIDUAL_ ENABLE_PATTERN 0xFF R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if a residual measurement shall be executed with the respective modulator during measurement sequencer step 1. |