| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3530 Fiches technique(PDF) 64 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS3530 Fiches technique(HTML) 64 Page - ams AG |
|
64 / 105 page ![]() Page 64 Datasheet, Public Document Feedback [v3-00] 2023-Jun-23 TCS3530 − Register O ver view MEAS_SEQR_STEP0_FD Register Figure 86: MEAS_SEQR_STEP0_FD Note(s): 1. Return to the Register Map (0xD0). MEAS_SEQR_STEP1_FD Register Figure 87: MEAS_SEQR_STEP1_FD Note(s): 1. Return to the Register Map (0xD1). Addr: 0xD0 MEAS_SEQR_STEP0_FD Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP0_ MOD_FD_ PATTERN 0x01 R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if a flicker measurement shall be executed with the respective modulator during measurement sequencer step 0. Addr: 0xD1 MEAS_SEQR_STEP1_FD Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP1_ MOD_FD_ PATTERN 0R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if a flicker measurement shall be executed with the respective modulator during measurement sequencer step 1. |