Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3530 Fiches technique(PDF) 65 Page - ams AG

No de pièce TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Fiches technique(HTML) 65 Page - ams AG

Back Button TCS3530 Datasheet HTML 61Page - ams AG TCS3530 Datasheet HTML 62Page - ams AG TCS3530 Datasheet HTML 63Page - ams AG TCS3530 Datasheet HTML 64Page - ams AG TCS3530 Datasheet HTML 65Page - ams AG TCS3530 Datasheet HTML 66Page - ams AG TCS3530 Datasheet HTML 67Page - ams AG TCS3530 Datasheet HTML 68Page - ams AG TCS3530 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
Datasheet, Public
Page 65
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
MEAS_SEQR_STEP2_FD Register
Figure 88:
MEAS_SEQR_STEP2_FD
Note(s):
1. Return to the Register Map (0xD2).
MEAS_SEQR_STEP3_FD Register
Figure 89:
MEAS_SEQR_STEP3_FD
Note(s):
1. Return to the Register Map (0xD3).
Addr: 0xD2
MEAS_SEQR_STEP2_FD
Bit
Field
Reset
Type
Bit Description
7:0
MEASUREMENT_
SEQUENCER_
STEP2_
MOD_FD_
PATTERN
0R/W
This register contains one bit for each modulator channel
(LSB = modulator 0, MSB = modulator 7) which defines if a
flicker measurement shall be executed with the respective
modulator during measurement sequencer step 2.
Addr: 0xD3
MEAS_SEQR_STEP3_FD
Bit
Field
Reset
Type
Bit Description
7:0
MEASUREMENT_
SEQUENCER_
STEP3_
MOD_FD_
PATTERN
0R/W
This register contains one bit for each modulator channel
(LSB = modulator 0, MSB = modulator 7) which defines if a
flicker measurement shall be executed with the respective
modulator during measurement sequencer step 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More