Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3530 Fiches technique(PDF) 42 Page - ams AG

No de pièce TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Fiches technique(HTML) 42 Page - ams AG

Back Button TCS3530 Datasheet HTML 38Page - ams AG TCS3530 Datasheet HTML 39Page - ams AG TCS3530 Datasheet HTML 40Page - ams AG TCS3530 Datasheet HTML 41Page - ams AG TCS3530 Datasheet HTML 42Page - ams AG TCS3530 Datasheet HTML 43Page - ams AG TCS3530 Datasheet HTML 44Page - ams AG TCS3530 Datasheet HTML 45Page - ams AG TCS3530 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 105 page
background image
Page 42
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
STATUS6 Register
Figure 49:
STATUS6
Note(s):
1. Return to the Register Map (0xA0).
Addr: 0xA0
STATUS6
Bit
Field
Reset
Type
Bit Description
7
MOD_ANALOG_
SATURATION7
0R
ALS Analog Saturation of Modulator7. Indicates that
the intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
6
MOD_ANALOG_
SATURATION6
0R
ALS Analog Saturation of Modulator6. Indicates that
the intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
5
MOD_ANALOG_
SATURATION5
0R
ALS Analog Saturation of Modulator5. Indicates that
the intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
4
MOD_ANALOG_
SATURATION4
0R
ALS Analog Saturation of Modulator4. Indicates that
the intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
3
MOD_ANALOG_
SATURATION3
0R
ALS Analog Saturation of Modulator3. Indicates that
the intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
2
MOD_ANALOG_
SATURATION2
0R
ALS Analog Saturation of Modulator2. Indicates that
the intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
1
MOD_ANALOG_
SATURATION1
0R
ALS Analog Saturation of Modulator1. Indicates that
the intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
0
MOD_ANALOG_
SATURATION0
0R
ALS Analog Saturation of Modulator0. Indicates that
the intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More