| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3530 Fiches technique(PDF) 68 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TCS3530 Fiches technique(HTML) 68 Page - ams AG |
|
68 / 105 page ![]() Page 68 Datasheet, Public Document Feedback [v3-00] 2023-Jun-23 TCS3530 − Register O ver view MEAS_SEQR_STEP0_ALS Register Figure 94: MEAS_SEQR_STEP0_ALS Note(s): 1. Return to the Register Map (0xD8). MEAS_SEQR_STEP1_ALS Register Figure 95: MEAS_SEQR_STEP1_ALS Note(s): 1. Return to the Register Map (0xD9). Addr: 0xD8 MEAS_SEQR_STEP0_ALS Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP0_ MOD_ALS_ PATTERN 0xFF R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if an ALS measurement shall be executed with the respective modulator during measurement sequencer step 0. Addr: 0xD9 MEAS_SEQR_STEP1_ALS Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP1_ MOD_ALS_ PATTERN 0R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if an ALS measurement shall be executed with the respective modulator during measurement sequencer step 1. |