Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3530 Fiches technique(PDF) 94 Page - ams AG

No de pièce TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TCS3530 Fiches technique(HTML) 94 Page - ams AG

Back Button TCS3530 Datasheet HTML 90Page - ams AG TCS3530 Datasheet HTML 91Page - ams AG TCS3530 Datasheet HTML 92Page - ams AG TCS3530 Datasheet HTML 93Page - ams AG TCS3530 Datasheet HTML 94Page - ams AG TCS3530 Datasheet HTML 95Page - ams AG TCS3530 Datasheet HTML 96Page - ams AG TCS3530 Datasheet HTML 97Page - ams AG TCS3530 Datasheet HTML 98Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 105 page
background image
Page 94
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Tape & Reel Information
Figure 134:
Tape and Reel Mechanical Drawing
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is generally 330 millimeters in diameter and contains 5000 parts. Please reconfirm for actual orders.
5. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More