| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD17062 Fiches technique(PDF) 114 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Fiches technique(HTML) 114 Page - Renesas Technology Corp |
|
114 / 298 page ![]() 112 µPD17062 Fig. 11-2 Interrupt Acceptance Flowchart START INTNC pin Timer VSYNC pin Serial interface IPNC=1? IPBTM0=1? IPVSYN=1? IPSIO0=1? No Yes No Yes No Yes No yes Yes No Yes No Yes No IRQNC= IPNC=1? IRQBTM0= IPBTM0=1? IRQVSYN= IPVSYN=1? IRQSIO0= IPSIO0=1 # $ No Yes Interrupt request? No Yes Interrupt request? No Yes Interrupt request? No Yes Interrupt request? No Yes IRQNC setting IRQBTM0 setting IRQVSYN setting IRQSIO0 setting EI state? Interrupt acceptance IRQNC resetting IRQBTM0 resetting IRQVSYN resetting IRQSIO0 resetting |