| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705CT4GRS/D Fiches technique(PDF) 115 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705CT4GRS/D Fiches technique(HTML) 115 Page - NXP Semiconductors |
|
115 / 152 page ![]() EPROM Bootloader Mode MC68HC705CT4 — Rev. 2.0 General Release Specification MOTOROLA EPROM 115 IRQ — IRQ sensitivity When set, this bit selects the edge- and level-sensitive IRQ. When clear, it selects the edge-only-sensitive IRQ. In test mode, reading and writing the MOR is done according to Table 15-2. Table 15-2. MOR Read/Write Based on Mode and LATCH Bit Latch Test Read Write 00 E N PE = Program EPROM Byte R = Register Latch N = Nothing E = EPROM Byte 1 0NPE 01 E R 1 1RPE Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |