Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705CT4GRS/D Fiches technique(PDF) 149 Page - NXP Semiconductors

No de pièce HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Fiches technique(HTML) 149 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 144Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 145Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 146Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 147Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 148Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 149Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 150Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 151Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 152Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 149 / 152 page
background image
Ordering Information
ROM Program Verification
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Ordering Information
149
NOTE:
Begin the application program at the first user ROM location. Program
addresses must correspond exactly to the available on-chip user ROM
addresses as shown in the memory map. Write $00 in all nonuser ROM
locations or leave all nonuser ROM locations blank. Refer to the current
MCU ordering form for additional requirements. Motorola may request
pattern re-submission if nonuser areas contain any nonzero code.
If the memory map has two user ROM areas with the same address,
then write the two areas in separate files on the diskette. Label the
diskette with both file names.
In addition to the object code, a file containing the source code can be
included. Motorola keeps this code confidential and uses it only to
expedite ROM pattern generation in case of any difficulty with the object
code. Label the diskette with the file name of the source code.
19.5 ROM Program Verification
The primary use for the on-chip ROM is to hold the customer’s
application program. The customer develops and debugs the application
program and then submits the MCU order along with the application
program.
Motorola inputs the customer’s application program code into a
computer program that generates a listing verify file. The listing verify file
represents the memory map of the MCU. The listing verify file contains
the user ROM code and may also contain nonuser ROM code, such as
self-check code. Motorola sends the customer a computer printout of the
listing verify file along with a listing verify form.
To aid the customer in checking the listing verify file, Motorola will
program the listing verify file into customer-supplied blank preformatted
Macintosh or DOS disks. All original pattern media are filed for
contractual purposes and are not returned.
Check the listing verify file thoroughly, then complete and sign the listing
verify form and return it to Motorola. The signed listing verify form
constitutes the contractual agreement for the creation of the custom
mask.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More