Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 13Page - Microchip Technology SAM9X60 Datasheet HTML 14Page - Microchip Technology SAM9X60 Datasheet HTML 15Page - Microchip Technology SAM9X60 Datasheet HTML 16Page - Microchip Technology SAM9X60 Datasheet HTML 17Page - Microchip Technology SAM9X60 Datasheet HTML 18Page - Microchip Technology SAM9X60 Datasheet HTML 19Page - Microchip Technology SAM9X60 Datasheet HTML 20Page - Microchip Technology SAM9X60 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
...........continued
196-ball
BGA
rotatethispage90
233-ball
BGA
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
P4
U3
VDDIOP1
GPIO
PC1
I/O
–
–
A
LCDDAT1
O
PIO, I, PU, ST
B
ISI_D1
I
C
FLEXCOM7_IO1
I/O
N3
T4
VDDIOP1
GPIO
PC2
I/O
–
–
A
LCDDAT2
O
PIO, I, PU, ST
B
ISI_D2
I
C
TIOA3
I/O
P5
T1
VDDIOP1
GPIO
PC3
I/O
–
–
A
LCDDAT3
O
PIO, I, PU, ST
B
ISI_D3
I
C
TIOB3
I/O
L5
R5
VDDIOP1
GPIO
PC4
I/O
–
–
A
LCDDAT4
O
PIO, I, PU, ST
B
ISI_D4
I
C
TCLK3
I
R4
U4
VDDIOP1
GPIO
PC5
I/O
–
–
A
LCDDAT5
O
PIO, I, PU, ST
B
ISI_D5
I
C
TIOA4
I/O
M6
T7
VDDIOP1
GPIO
PC6
I/O
–
–
A
LCDDAT6
O
PIO, I, PU, ST
B
ISI_D6
I
C
TIOB4
I/O
T3
R2
VDDIOP1
GPIO
PC7
I/O
–
–
A
LCDDAT7
O
PIO, I, PU, ST
B
ISI_D7
I
C
TCLK4
I
N8
U7
VDDIOP1
GPIO
PC8
I/O
–
–
A
LCDDAT8
O
PIO, I, PU, ST
B
ISI_D8
I
C
FLEXCOM9_IO0
I/O
T4
R1
VDDIOP1
GPIO
PC9
I/O
–
–
A
LCDDAT9
O
PIO, I, PU, ST
B
ISI_D9
I
C
FLEXCOM9_IO1
I/O
P6
T8
VDDIOP1
GPIO
PC10
I/O
–
–
A
LCDDAT10
O
PIO, I, PU, ST
B
ISI_D10
I
C
PWM0
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40