Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60 Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Fiches technique(HTML) 13 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 9Page - Microchip Technology SAM9X60 Datasheet HTML 10Page - Microchip Technology SAM9X60 Datasheet HTML 11Page - Microchip Technology SAM9X60 Datasheet HTML 12Page - Microchip Technology SAM9X60 Datasheet HTML 13Page - Microchip Technology SAM9X60 Datasheet HTML 14Page - Microchip Technology SAM9X60 Datasheet HTML 15Page - Microchip Technology SAM9X60 Datasheet HTML 16Page - Microchip Technology SAM9X60 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Table 6-2. Ball Description
196-ball
BGA
rotatethispage90
233-ball
BGA
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
R1
L2
VDDIOP0
GPIO
PA0
I/O
–
–
A
FLEXCOM0_IO0
I/O
PIO, I, PU, ST
B
FLEXCOM5_IO4
O
C
FLEXCOM4_IO4
O
M2
L3
VDDIOP0
GPIO
PA1
I/O
–
–
A
FLEXCOM0_IO1
I/O
PIO, I, PU, ST
B
FLEXCOM4_IO5
O
N1
K2
VDDIOP0
GPIO
PA2
I/O
WKUP1
–
A
FLEXCOM0_IO4
O
PIO, I, PU, ST
B
SDMMC1_DAT1
I/O
C
E0_TX0
O
L2
K3
VDDIOP0
GPIO
PA3
I/O
–
–
A
FLEXCOM0_IO3
I/O
PIO, I, PU, ST
B
SDMMC1_DAT2
I/O
C
E0_TX1
O
M1
L1
VDDIOP0
GPIO
PA4
I/O
–
–
A
FLEXCOM0_IO2
I/O
PIO, I, PU, ST
B
SDMMC1_DAT3
I/O
C
E0_TXER
O
P2
N3
VDDIOP0
GPIO
PA5
I/O
–
–
A
FLEXCOM1_IO0
I/O
PIO, I, PU, ST
B
CANTX1
O
J2
N1
VDDIOP0
GPIO
PA6
I/O
–
–
A
FLEXCOM1_IO1
I/O
PIO, I, PU, ST
B
CANRX1
I
L3
P2
VDDIOP0
GPIO
PA7
I/O
–
–
A
FLEXCOM2_IO0
I/O
PIO, I, PU, ST
B
FLEXCOM4_IO4
O
C
FLEXCOM5_IO4
O
K1
P3
VDDIOP0
GPIO
PA8
I/O
–
–
A
FLEXCOM2_IO1
I/O
PIO, I, PU, ST
B
FLEXCOM5_IO3
I/O
C
FLEXCOM4_IO5
O
F5
N2
VDDIOP0
GPIO
PA9
I/O
WKUP2
–
A
DRXD
I
PIO, I, PU, ST
B
CANRX0
I
H2
M4
VDDIOP0
GPIO
PA10
I/O
WKUP3
–
A
DTXD
O
PIO, I, PU, ST
B
CANTX0
O
L1
G3
VDDIOP0
GPIO
PA11
I/O
–
–
A
FLEXCOM4_IO1
I/O
PIO, I, PU, ST
B
SDMMC1_DAT0
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40