Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 17Page - Microchip Technology SAM9X60 Datasheet HTML 18Page - Microchip Technology SAM9X60 Datasheet HTML 19Page - Microchip Technology SAM9X60 Datasheet HTML 20Page - Microchip Technology SAM9X60 Datasheet HTML 21Page - Microchip Technology SAM9X60 Datasheet HTML 22Page - Microchip Technology SAM9X60 Datasheet HTML 23Page - Microchip Technology SAM9X60 Datasheet HTML 24Page - Microchip Technology SAM9X60 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
...........continued
196-ball
BGA
rotatethispage90
233-ball
BGA
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
T12
T15
VDDIN33
–
HHSDPA
I/O
DHSDP
–
–
–
–
O, PD
R12
U16
VDDIN33
–
HHSDMA
I/O
DHSDM
–
–
–
–
O, PD
T13
T17
VDDIN33
–
HHSDPB
I/O
–
–
–
–
–
O, PD
T14
R17
VDDIN33
–
HHSDMB
I/O
–
–
–
–
–
O, PD
T15
P16
VDDIN33
–
HHSDPC
I/O
–
–
–
–
–
O, PD
R14
P15
VDDIN33
–
HHSDMC
I/O
–
–
–
–
–
O, PD
T11
L16
VDDBU
–
WKUP0
I
–
–
–
–
–
I, ST
R11
N17
VDDBU
–
SHDN
O
–
–
–
–
–
O, PD
P9
N14
VDDBU
–
JTAGSEL
I
–
–
–
–
–
I, PD
R3
P12
VDDIOP0
–
TCK
I
–
–
–
–
–
I, ST
F3
L15
VDDIOP0
–
TDI
I
–
–
–
–
–
I, ST
B4
N15
VDDIOP0
–
TDO
O
–
–
–
–
–
O
E3
N16
VDDIOP0
–
TMS
I
–
–
–
–
–
I, ST
T2
N4
VDDIOP0
–
RTCK
O
–
–
–
–
–
O
P1
P1
VDDIOP0
–
NRST
I
–
–
–
–
–
I, PU, ST
T9
U10
VDDBU
–
XIN32
I
–
–
–
–
–
I
R9
T10
VDDBU
–
XOUT32
I/O
–
–
–
–
–
O
R10
T11
VDDIN33
–
XIN
I
–
–
–
–
–
I
T10
U11
VDDIN33
–
XOUT
I/O
–
–
–
–
–
O
F11, F12,
G14
D11, E14,
G14
VDDIOM
power
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40