Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60 Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Fiches technique(HTML) 16 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 12Page - Microchip Technology SAM9X60 Datasheet HTML 13Page - Microchip Technology SAM9X60 Datasheet HTML 14Page - Microchip Technology SAM9X60 Datasheet HTML 15Page - Microchip Technology SAM9X60 Datasheet HTML 16Page - Microchip Technology SAM9X60 Datasheet HTML 17Page - Microchip Technology SAM9X60 Datasheet HTML 18Page - Microchip Technology SAM9X60 Datasheet HTML 19Page - Microchip Technology SAM9X60 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
...........continued
196-ball
BGA
rotatethispage90
233-ball
BGA
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
C6
A2
VDDANA
GPIO
PB12
I/O
AD1
–
A
E0_TX3
O
PIO, I, PU, ST
B
PWM1
O
E9
A5
VDDANA
GPIO
PB13
I/O
AD2
–
A
E0_RX2
I
PIO, I, PU, ST
B
PWM2
O
C2
E4
VDDANA
GPIO
PB14
I/O
AD3
–
A
E0_RX3
I
PIO, I, PU, ST
B
PWM3
O
B11
C4
VDDANA
GPIO
PB15
I/O
AD4
–
A
E0_RXCK
I
PIO, I, PU, ST
D9
E2
VDDANA
GPIO
PB16
I/O
AD5
–
A
E0_CRS
I
PIO, I, PU, ST
A9
A4
VDDANA
GPIO
PB17
I/O
AD6
–
A
E0_COL
I
PIO, I, PU, ST
A4
D7
VDDANA
GPIO
PB18
I/O
WKUP7
–
A
IRQ
I
PIO, I, PU, ST
B
ADTRG
I
B7
A7
VDDQSPI
GPIO
PB19
I/O
–
–
A
QSCK
O
PIO, I, PU, ST
B
I2SMCC_CK
I/O
C
FLEXCOM11_IO0
I/O
A8
D9
VDDQSPI
GPIO
PB20
I/O
–
–
A
QCS
O
PIO, I, PU, ST
B
I2SMCC_WS
I/O
C
FLEXCOM11_IO1
I/O
B8
A8
VDDQSPI
GPIO
PB21
I/O
–
–
A
QIO0
I/O
PIO, I, PU, ST
B
I2SMCC_DIN0
I
C
FLEXCOM12_IO0
I/O
C8
B8
VDDQSPI
GPIO
PB22
I/O
–
–
A
QIO1
I/O
PIO, I, PU, ST
B
I2SMCC_DOUT0
O
C
FLEXCOM12_IO1
I/O
A7
C7
VDDQSPI
GPIO
PB23
I/O
–
–
A
QIO2
I/O
PIO, I, PU, ST
B
I2SMCC_MCK
O
D8
B9
VDDQSPI
GPIO
PB24
I/O
–
–
A
QIO3
I/O
PIO, I, PU, ST
A2
B7
VDDIOP0
GPIO
PB25
I/O
WKUP8
–
A
NRST_OUT
O
NRST_OUT, O, PD
B
NTRST
I
M4
U8
VDDIOP1
GPIO
PC0
I/O
–
–
A
LCDDAT0
O
PIO, I, PU, ST
B
ISI_D0
I
C
FLEXCOM7_IO0
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40