| Moteur de recherche de fiches techniques de composants électroniques |
|
SAM9X60 Fiches technique(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAM9X60 Fiches technique(HTML) 32 Page - Microchip Technology |
|
32 / 40 page ![]() RECOMMENDED LAND PATTERN Dimension Limits Units C2 Contact Pad Spacing Contact Pitch MILLIMETERS 0.65 BSC MIN E MAX 9.75 5 4 . 0 X ) 6 9 1 X ( h t d i W d a P t c a t n o C NOM C1 5 7 . 9 g n i c a p S d a P t c a t n o C BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M 1. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: E ØX SILK SCREEN C2 C1 A B C D E F G H J K L M N P R T Microchip Technology Drawing C04-23507 Rev B 196-Lead Thin Fine Pitch Ball Grid Array (4GB) - 11x11x1.2 mm Body [TFBGA] 1234 5 678 9 10 11 12 13 14 15 16 G Space Between Contact Pads G 0.20 Table 9-5. 196-Ball TFBGA Package Characteristics Moisture Sensitivity Level 3 Table 9-6. Device and 196-Ball TFBGA Package Weight Device Weight (mg) SAM9X60D6K 251 SAM9X60 SIP Mechanical Characteristics © 2021 Microchip Technology Inc. and its subsidiaries Datasheet DS60001580C-page 32 |