Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 15Page - Microchip Technology SAM9X60 Datasheet HTML 16Page - Microchip Technology SAM9X60 Datasheet HTML 17Page - Microchip Technology SAM9X60 Datasheet HTML 18Page - Microchip Technology SAM9X60 Datasheet HTML 19Page - Microchip Technology SAM9X60 Datasheet HTML 20Page - Microchip Technology SAM9X60 Datasheet HTML 21Page - Microchip Technology SAM9X60 Datasheet HTML 22Page - Microchip Technology SAM9X60 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
...........continued
196-ball
BGA
rotatethispage90
233-ball
BGA
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
M8
P8
VDDIOP1
GPIO
PC21
I/O
–
–
A
LCDDAT21
O
PIO, I, PU, ST
B
E1_RX1
I
C
PWM3
O
R7
R14
VDDIOP1
GPIO
PC22
I/O
–
–
A
LCDDAT22
O
PIO, I, PU, ST
B
FLEXCOM3_IO0
I/O
M14
T9
VDDIOP1
GPIO
PC23
I/O
–
–
A
LCDDAT23
O
PIO, I, PU, ST
B
FLEXCOM3_IO1
I/O
R8
U14
VDDIOP1
GPIO
PC24
I/O
WKUP9
–
A
LCDDISP
O
PIO, I, PU, ST
B
FLEXCOM3_IO4
O
M9
P5
VDDIOP1
GPIO
PC25
I/O
WKUP10
–
A
–
–
PIO, I, PU, ST
B
FLEXCOM3_IO3
I/O
T8
R13
VDDIOP1
GPIO
PC26
I/O
–
–
A
LCDPWM
O
PIO, I, PU, ST
B
FLEXCOM3_IO2
I/O
N9
U9
VDDIOP1
GPIO
PC27
I/O
–
–
A
LCDVSYNC
O
PIO, I, PU, ST
B
E1_TXEN
O
C
FLEXCOM1_IO4
O
P11
P13
VDDIOP1
GPIO
PC28
I/O
–
–
A
LCDHSYNC
O
PIO, I, PU, ST
B
E1_CRSDV
I
C
FLEXCOM1_IO3
I/O
N12
P9
VDDIOP1
GPIO
PC29
I/O
–
–
A
LCDDEN
O
PIO, I, PU, ST
B
E1_TXCK
I/O
C
FLEXCOM1_IO2
I/O
T7
T13
VDDIOP1
GPIO
PC30
I/O
–
–
A
LCDPCK
O
PIO, I, PU, ST
B
E1_MDC
O
C
FLEXCOM3_IO7
I
P15
U13
VDDIOP1
GPIO
PC31
I/O
WKUP11
–
A
FIQ
I
PIO, I, PU, ST
B
E1_MDIO
I/O
C
PCK1
O
P16
L17
VDDNF
GPIO
PD0
I/O
–
–
A
NANDOE
O
PIO, I, PU, ST
R16
H15
VDDNF
GPIO
PD1
I/O
–
–
A
NANDWE
O
PIO, I, PU, ST
N16
K17
VDDNF
GPIO
PD2
I/O
–
–
A
A21/NANDALE
O
A21,O, PD, ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40