Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X60 Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce SAM9X60
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60 Fiches technique(HTML) 10 Page - Microchip Technology

Back Button SAM9X60 Datasheet HTML 6Page - Microchip Technology SAM9X60 Datasheet HTML 7Page - Microchip Technology SAM9X60 Datasheet HTML 8Page - Microchip Technology SAM9X60 Datasheet HTML 9Page - Microchip Technology SAM9X60 Datasheet HTML 10Page - Microchip Technology SAM9X60 Datasheet HTML 11Page - Microchip Technology SAM9X60 Datasheet HTML 12Page - Microchip Technology SAM9X60 Datasheet HTML 13Page - Microchip Technology SAM9X60 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
5.
Chip Identifier
Table 5-1. SAM9X60 SIP Chip ID Registers
Chip Name
Memory Type
Memory Size
DBGU_CIDR
DBGU_EXID
SAM9X60D5M
DDR2-SDRAM
512 Mbits
0x819B35A1
or
0x819B35A2
0x00000001
SAM9X60D1G
DDR2-SDRAM
1 Gbit
0x00000010
SAM9X60D6K
SDR-SDRAM
64 Mbits
0x00000011
SAM9X60 SIP
Chip Identifier
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40