Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5140WACCZ-R7 Fiches technique(PDF) 91 Page - Analog Devices

No de pièce ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Fiches technique(HTML) 91 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 87Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 88Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 89Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 90Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 91Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 92Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 93Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 94Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 91 of 128
Bits
Bit Name
Description
Reset
Access
2
VOUT2_WARN_FAULT_MASK
Mask the VOUT2_WARN_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
1
VOUT1_WARN_FAULT_MASK
Mask the VOUT1_WARN_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
0
VOUT12_WARN_FAULT_MASK
Mask the VOUT12_WARN_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
Table 66. OT_FAULT_MASK, Register Address: 0x2058
Bits
Bit Name
Description
Reset
Access
[31:12]
RESERVED
Reserved.
0x0
R
11
VOUT12_OT_FAULT_MASK
Mask the VOUT12_OT_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
10
VOUT4_OT_FAULT_MASK
Mask the VOUT4_OT_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
9
VOUT3_OT_FAULT_MASK
Mask the VOUT3_OT_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
8
VOUT2_OT_FAULT_MASK
Mask the VOUT2_OT_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
7
VOUT1_OT_FAULT_MASK
Mask the VOUT1_OT_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
6
VOUT11_OT_FAULT_MASK
Mask the VOUT11_OT_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
5
VOUT10_OT_FAULT_MASK
Mask the VOUT10_OT_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
4
VOUT9_OT_FAULT_MASK
Mask the VOUT9_OT_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.
3
VOUT8_OT_FAULT_MASK
Mask the VOUT8_OT_LATCH Bit on the FAULT Pin.
0x0
R/W
0: mask.
1: not mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More