| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5140WACCZ-R7 Fiches technique(PDF) 50 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 Fiches technique(HTML) 50 Page - Analog Devices |
|
50 / 128 page ![]() ADP5140 Data Sheet Rev. 0 | Page 50 of 128 STATE DIAGRAM Figure 94 shows the state diagram of the ADP5140. FROM POWER ON INITIAL MODE POR = 1 AND EN_RGH = 1 Init_Ok = 1 AND AVIN_UVLO = 0 AND AVDD_UVLO = 0 AND EN_ACC = 1 SELF_CHECK_OK = 1 WAKE = LOW 1 2 3 3 3 4 5 6 EN_ACC = 0 OR AVIN_UVLO = 1 OR AVDD_UVLO = 1 SPI_CMD_RST (FROM ANY STATE) PER_RAMP_OK = 1 SPI_CMD2 SPI_CMD3 SPI_CMD1 OR PER_EC ≥ = NEC_P OV = 0 AND OT = 0 AND SYS_EC < NEC_S SYS_EC ≥ = NEC_S SPI_CMD1 TSD = 1 OR POR = 0 OR EN_RGH = 0 SYS_RAMP_OK = 1 AND SEQ = HIGH AND IO_UV = 0 1. TIMEOUT 1 EXPIRED 2. TIMEOUT 2 EXPIRED OR (OV)a, h OR (OT)a 3. (OV|UV)a, f OR SEQ = LOW OR (IO_UV)i OR (WD0_FAIL OR WD1_FAIL OR QA_WD_FAIL)d 4. TIMEOUT 3 EXPIRED OR (OV|OT)b 5. (OV|UV)b, g OR (WD0_FAIL OR WD1_FAIL OR QA_WD_FAIL)e 6. (OV|UV)c REGULATOR 1, REGULATOR 2, REGULATOR 5, REGULATOR 10, REGULATOR 11, AND REGULATOR 12 PERIPHERAL POWER RAILS: REGULATOR 3, REGULATOR 4, REGULATOR 6, REGULATOR 7, REGULATOR 8, REGULATOR 9 POWER RAILS THAT ENABLED IN STANDBY MODE DEPENDS ON TRANSITION_MASK REGISTER CONFIGURATION DEPENDS ON TRANSITION_MASK REGISTER CONFIGURATION DEPENDS ON OV_RST_MASK/UV_RST_MASK REGISTER CONFIGURATION DEPENDS ON OV_FAULT_MASK/UV_FAULT_MASK REGISTER CONFIGURATION DEPENDS ON OV_RST_MASK REGISTER CONFIGURATION DEPENDS ON UV_RST_MASK REGISTER CONFIGURATION a. b. c. d. e. f. g. h. i. SELF_CHECK SYSTEM RAMP UP PERIPHERAL RAMP UP POWER DOWN SYS_EC = 0 PER_EC = 0 PERIPHERAL ERROR PER_EC++ SYSTEM ERROR SYS_EC++ STANDBY MODE NORMAL SHUTDOWN Figure 94. State Diagram |