| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5140WACCZ-R7 Fiches technique(PDF) 66 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 Fiches technique(HTML) 66 Page - Analog Devices |
|
66 / 128 page ![]() ADP5140 Data Sheet Rev. 0 | Page 66 of 128 Table 46. OV_STATUS, Register Address: 0x2008 Bits Bit Name Description Reset Access [31:14] RESERVED Reserved. 0x0 R 13 VM1_OV_STATUS Status for the Overvoltage on VM1. 0x0 R 0: no overvoltage on VM1. 1: overvoltage on VM1. 12 VM0_OV_STATUS Status for the Overvoltage on VM0. 0x0 R 0: no overvoltage on VM0. 1: overvoltage on VM0. 11 VOUT11_OV_STATUS Status for the Overvoltage on Regulator 11. 0x0 R 0: no overvoltage on Regulator 11. 1: overvoltage on Regulator 11. 10 VOUT10_OV_STATUS Status for the Overvoltage on Regulator 10. 0x0 R 0: no overvoltage on Regulator 10. 1: overvoltage on Regulator 10. 9 VOUT9_OV_STATUS Status for the Overvoltage on Regulator 9. 0x0 R 0: no overvoltage on Regulator 9. 1: overvoltage on Regulator 9. 8 VOUT8_OV_STATUS Status for the Overvoltage on Regulator 8. 0x0 R 0: no overvoltage on Regulator 8. 1: overvoltage on Regulator 8. 7 VOUT7_OV_STATUS Status for the Overvoltage on Regulator 7. 0x0 R 0: no overvoltage on Regulator 7. 1: overvoltage on Regulator 7. 6 VOUT6_OV_STATUS Status for the Overvoltage on Regulator 6. 0x0 R 0: no overvoltage on Regulator 6. 1: overvoltage on Regulator 6. 5 VOUT5_OV_STATUS Status for the Overvoltage on Regulator 5. 0x0 R 0: no overvoltage on Regulator 5. 1: overvoltage on Regulator 5. 4 VOUT4_OV_STATUS Status for the Overvoltage on Regulator 4. 0x0 R 0: no overvoltage on Regulator 4. 1: overvoltage on Regulator 4. 3 VOUT3_OV_STATUS Status for the Overvoltage on Regulator 3. 0x0 R 0: no overvoltage on Regulator 3. 1: overvoltage on Regulator 3. 2 VOUT2_OV_STATUS Status for the Overvoltage on Regulator 2. 0x0 R 0: no overvoltage on Regulator 2. 1: overvoltage on Regulator 2. 1 VOUT1_OV_STATUS Status for the Overvoltage on Regulator 1. 0x0 R 0: no overvoltage on Regulator 1. 1: overvoltage on Regulator 1. 0 VOUT12_OV_STATUS Status for the Overvoltage on Regulator 12. 0x0 R 0: no overvoltage on Regulator 12. 1: overvoltage on Regulator 12. |