| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP5140WACCZ-R7 Fiches technique(PDF) 88 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5140WACCZ-R7 Fiches technique(HTML) 88 Page - Analog Devices |
|
88 / 128 page ![]() ADP5140 Data Sheet Rev. 0 | Page 88 of 128 Bits Bit Name Description Reset Access 12 VM0_UV_FAULT_MASK Mask the VM0_UV_LATCH Bit on the FAULT Pin. 0x0 R/W 0: mask. 1: not mask. 11 VOUT11_UV_FAULT_MASK Mask the VOUT11_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 10 VOUT10_UV_FAULT_MASK Mask the VOUT10_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 9 VOUT9_UV_FAULT_MASK Mask the VOUT9_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 8 VOUT8_UV_FAULT_MASK Mask the VOUT8_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 7 VOUT7_UV_FAULT_MASK Mask the VOUT7_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask 6 VOUT6_UV_FAULT_MASK Mask the VOUT6_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 5 VOUT5_UV_FAULT_MASK Mask the VOUT5_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 4 VOUT4_UV_FAULT_MASK Mask the VOUT4_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 3 VOUT3_UV_FAULT_MASK Mask the VOUT3_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 2 VOUT2_UV_FAULT_MASK Mask the VOUT2_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 1 VOUT1_UV_FAULT_MASK Mask the VOUT1_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. 0 VOUT12_UV_FAULT_MASK Mask the VOUT12_UV_LATCH Bit on the FAULT Pin. 0x1 R/W 0: mask. 1: not mask. |