Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5140WACCZ-R7 Fiches technique(PDF) 74 Page - Analog Devices

No de pièce ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Fiches technique(HTML) 74 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 70Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 71Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 72Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 73Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 74Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 75Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 76Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 77Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 74 of 128
Bits
Bit Name
Description
Reset
Access
4
VOUT4_OV_LATCH
Latch the Overvoltage Event on Regulator 4.
0x0
R
0: no overvoltage occurred on Regulator 4.
1: overvoltage occurred on Regulator 4.
3
VOUT3_OV_LATCH
Latch the Overvoltage Event on Regulator 3.
0x0
R
0: no overvoltage occurred on Regulator 3.
1: overvoltage occurred on Regulator 3.
2
VOUT2_OV_LATCH
Latch the Overvoltage Event on Regulator 2.
0x0
R
0: no overvoltage occurred on Regulator 2.
1: overvoltage occurred on Regulator 2.
1
VOUT1_OV_LATCH
Latch the Overvoltage Event on Regulator 1.
0x0
R
0: no overvoltage occurred on Regulator 1.
1: overvoltage occurred on Regulator 1.
0
VOUT12_OV_LATCH
Latch the Overvoltage Event on Regulator 12.
0x0
R
0: no overvoltage occurred on Regulator 12.
1: overvoltage occurred on Regulator 12.
1
Write 1 to clear.
Table 53. WARN_LATCH1, Register Address: 0x2024
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
13
VM1_WARN_LATCH
Latch the Warning Event on VM1.
0x0
R
0: no warning occurred on VM1.
1: warning occurred on VM1.
12
VM0_WARN_LATCH
Latch the Warning Event on VM0.
0x0
R
0: no warning occurred on VM0.
1: warning occurred on VM0.
11
VOUT11_WARN_LATCH
Latch the Warning Event on Regulator 11.
0x0
R
0: no warning occurred on Regulator 11.
1: warning occurred on Regulator 11.
10
VOUT10_WARN_LATCH
Latch the Warning Event on Regulator 10.
0x0
R
0: no warning occurred on Regulator 10.
1: warning occurred on Regulator 10.
9
VOUT9_WARN_LATCH
Latch the Warning Event on Regulator 9.
0x0
R
0: no warning occurred on Regulator 9.
1: warning occurred on Regulator 9.
8
VOUT8_WARN_LATCH
Latch the Warning Event on Regulator 8.
0x0
R
0: no warning occurred on Regulator 8.
1: warning occurred on Regulator 8.
7
VOUT7_WARN_LATCH
Latch the Warning Event on Regulator 7.
0x0
R
0: no warning occurred on Regulator 7.
1: warning occurred on Regulator 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More