Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5140WACCZ-R7 Fiches technique(PDF) 60 Page - Analog Devices

No de pièce ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Fiches technique(HTML) 60 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 56Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 57Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 58Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 59Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 60Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 61Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 62Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 63Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 60 of 128
SPI REGISTER MAP
SPI REGISTER SUMMARY
Table 33. SPI Register Summary Table
Register Address
Register Name
Reset
Table Reference
0x0000
IF_CFGA
0xC3000000
Table 34
0x0004
CLR_SPI_CNT
0x0
Table 35
0x0008
CHIP_INFO1
0xC035140
Table 36
0x000C
CHIP_INFO2
0x45600
Table 37
0x0010
SPI_CRC_PARAM
0x555590D9
Table 38
0x0014
SPI_CNT
0x0
Table 39
0x001C
PMIC_PSWD
0x0
Table 40
0x0020
QA_WD_ANSWER
0x0
Table 41
0x0024
QA_WD_TOKEN
0x0
Table 42
0x002C
SCRATCH_PAD
0x0
Table 43
0x2000
FAIL_SAFE_PIN_TIMEOUT
0x0
Table 44
0x2004
UV_STATUS
0x0
Table 45
0x2008
OV_STATUS
0x0
Table 46
0x200C
WARN_STATUS
0x0
Table 47
0x2010
OT_STATUS
0x0
Table 48
0x2014
OTHER_STATUS
0x0
Table 49
0x2018
OTHER1_STATUS
0x0
Table 50
0x201C
UV_LATCH
0x0
Table 51
0x2020
OV_LATCH
0x0
Table 52
0x2024
WARN_LATCH
0x0
Table 53
0x2028
OT_LATCH
0x0
Table 54
0x202C
OTHER_LATCH
0x0
Table 55
0x2030
OTHER1_LATCH
0x0
Table 56
0x2034
UV_RST_MASK
0x4C27
Table 57
0x2038
OV_RST_MASK
0xC27
Table 58
0x203C
WARN_RST_MASK
0x0
Table 59
0x2040
OT_RST_MASK
0x0
Table 60
0x2044
OTHER_RST_MASK
0x4
Table 61
0x2048
OTHER1_RST_MASK
0x0
Table 62
0x204C
UV_FAULT_MASK
0x4FFF
Table 63
0x2050
OV_FAULT_MASK
0xFFF
Table 64
0x2054
WARN_FAULT_MASK
0x0
Table 65
0x2058
OT_FAULT_MASK
0x0
Table 66
0x205C
OTHER_FAULT_MASK
0x3801FF
Table 67
0x2060
OTHER1_FAULT_MASK
0xC0
Table 68
0x2064
UV_INT_MASK
0x7FFF
Table 69
0x2068
OV_INT_MASK
0x3FFF
Table 70
0x206C
WARN_INT_MASK
0x3FFF
Table 71
0x2070
OT_INT_MASK
0xFFF
Table 72
0x2074
OTHER_INT_MASK
0x1F801FF
Table 73
0x2078
OTHER1_INT_MASK
0xC0
Table 74
0x207C
TRANSITION_MASK
0x0
Table 75
0x8004
MODE_PIN_STATUS
0x0
Table 76
0x8008
FREQ_CONFG
0x0
Table 77
0x800C
BUCK1_VOUT_SETTING
0x2F
Table 78
0x8010
BUCK1_VOUT
0x0
Table 79
0x8014
BUCK4_VOUT_SETTING
0x2
Table 80
0x8018
BUCK_DVS_INTERVAL
0x0
Table 81
0x801C
LDO1_VOUT_SETTING
0x1
Table 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More