Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5140WACCZ-R7 Fiches technique(PDF) 58 Page - Analog Devices

No de pièce ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Fiches technique(HTML) 58 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 54Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 55Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 56Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 57Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 58Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 59Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 60Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 61Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 58 of 128
RDSON_SYNC is the sync MOSFET on resistance.
RL is the series resistance of output inductor.
The minimum input voltage of the boost regulator for a given
output voltage and switching frequency is constrained by the
minimum off time of the boost regulator and can be calculated
using the following equation:
VIN_MIN = VOUT × tMIN_OFF × fSW + IOUT_MAX × (RDSON_MAIN ×
tMIN_OFF × fSW + RL + (1 − tMIN_OFF × fSW) × RDSON_SYNC)/
(tMIN_OFF × fSW)
where:
VIN_MIN is the minimum input voltage.
tMIN_OFF is the minimum off time.
IOUT_MAX is the maximum output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More