Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 313 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 313 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors HCS08 Datasheet HTML 313Page - NXP Semiconductors HCS08 Datasheet HTML 314Page - NXP Semiconductors HCS08 Datasheet HTML 315Page - NXP Semiconductors HCS08 Datasheet HTML 316Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 313 / 316 page
background image
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
313
Appendix B
Ordering Information and Mechanical Drawings
B.1
Ordering Information
This section contains ordering information for MC9S08SG8 and MC9S08SG4 devices.
B.1.1
Device Numbering Scheme
Table B-1. Device Numbering System
Device
Number1
1 See Table 1-1 for a complete description of modules included on each device.
Memory
Temp Rated2
2 Apply to the temperature rated devices marked with x only.
Available Packages3
3 See Table B-2 for package information.
FLASH
RAM
Standard
AEC Grade 0
20-Pin
16-Pin
8-Pin
S9S08SG8
8 K
512
x
20 TSSOP
16 TSSOP
8 NB SOIC
S9S08SG4
4 K
256
x
S9S08SG8
8 K
512
x
—
16 TSSOP
—
S9S08SG4
4 K
256
x
S
9
S08
SG 8
E2
C
TJ
R
Status
- S = Auto Qualified
Main Memory Type
- 9 = Flash-based
Core
SG Family
Memory Size
- 8 Kbytes
- 4 Kbytes
Mask Set Identifier
- Alpha character references
wafer fab.
- Numeric character identifies
mask.
Temperature Option
- C = -40 to 85
C
- V = -40 to 105
C
- M = -40 to 125
C
- W = -40 to 150
C
Package Designator
Two letter descriptor
(refer to Table B-2).
Tape and Reel Suffix (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com