Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3820 Fiches technique(PDF) 35 Page - Dialog Semiconductor

No de pièce AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Fiches technique(HTML) 35 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 31Page - Dialog Semiconductor AS3820 Datasheet HTML 32Page - Dialog Semiconductor AS3820 Datasheet HTML 33Page - Dialog Semiconductor AS3820 Datasheet HTML 34Page - Dialog Semiconductor AS3820 Datasheet HTML 35Page - Dialog Semiconductor AS3820 Datasheet HTML 36Page - Dialog Semiconductor AS3820 Datasheet HTML 37Page - Dialog Semiconductor AS3820 Datasheet HTML 38Page - Dialog Semiconductor AS3820 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
35 of 52
05-Feb-2019
Step 2: Calculate resistor R2 for minimum output voltage with 0μA minimum current DAC output.
Figure 8.14 : Step 2
R1
R2 = _______________
VoutMIN
(__________1)
Vsense
The output voltage VOUT can also be adjusted manually by writing the “idac_FBx_counter” value (“FB_cnt_man_
fbx”=1). In this case the output voltage can be calculated as follows:
Figure 8.15 : Step 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52