Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3820 Fiches technique(PDF) 49 Page - Dialog Semiconductor

No de pièce AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Fiches technique(HTML) 49 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 44Page - Dialog Semiconductor AS3820 Datasheet HTML 45Page - Dialog Semiconductor AS3820 Datasheet HTML 46Page - Dialog Semiconductor AS3820 Datasheet HTML 47Page - Dialog Semiconductor AS3820 Datasheet HTML 48Page - Dialog Semiconductor AS3820 Datasheet HTML 49Page - Dialog Semiconductor AS3820 Datasheet HTML 50Page - Dialog Semiconductor AS3820 Datasheet HTML 51Page - Dialog Semiconductor AS3820 Datasheet HTML 52Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
49 of 52
05-Feb-2019
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
Default
0x6C
CompReg_1
Comp
Reg8
Comp
Reg7
Comp
Reg6
Comp
Reg5
Comp
Reg4
Comp
Reg3
Comp
Reg2
Comp
Reg1
0x00
0x6D
CompReg_2
Comp
Reg16
Comp
Reg15
Comp
Reg14
Comp
Reg13
Comp
Reg12
Comp
Reg11
Comp
Reg10
Comp
Reg9
0x00
Note 1. Addresses from 0x66 to 0x6b and above 0x6d are for factory test only. DO NOT WRITE!
Table 6: Shows an overview of the Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52