Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3820 Fiches technique(PDF) 31 Page - Dialog Semiconductor

No de pièce AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Fiches technique(HTML) 31 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 27Page - Dialog Semiconductor AS3820 Datasheet HTML 28Page - Dialog Semiconductor AS3820 Datasheet HTML 29Page - Dialog Semiconductor AS3820 Datasheet HTML 30Page - Dialog Semiconductor AS3820 Datasheet HTML 31Page - Dialog Semiconductor AS3820 Datasheet HTML 32Page - Dialog Semiconductor AS3820 Datasheet HTML 33Page - Dialog Semiconductor AS3820 Datasheet HTML 34Page - Dialog Semiconductor AS3820 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
31 of 52
05-Feb-2019
RegAddr: 0x4C
RegAddr: 0x4B
PWM11hightime
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM11HT[11:0] sets PWM11 high time
Table 53: PWM11hightime
RegAddr: 0x4E
RegAddr: 0x4D
PWM12hightime
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM12HT[11:0] sets PWM12 high time
Table 54: PWM12hightime
RegAddr: 0x50
RegAddr: 0x4F
PWM13hightime
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM13HT[11:0] sets PWM13 high time
Table 55: PWM13hightime
RegAddr: 0x52
RegAddr: 0x51
PWM14hightime
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM14HT[11:0] sets PWM14 high time
Table 56: PWM14hightime
RegAddr: 0x54
RegAddr: 0x53
PWM15hightime
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM15HT[11:0] sets PWM15 high time
Table 57: PWM15hightime
RegAddr: 0x56
RegAddr: 0x55
PWM16hightime
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM16HT[11:0] sets PWM16 high time
Table 58: PWM16hightime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52