Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3820 Fiches technique(PDF) 27 Page - Dialog Semiconductor

No de pièce AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Fiches technique(HTML) 27 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 23Page - Dialog Semiconductor AS3820 Datasheet HTML 24Page - Dialog Semiconductor AS3820 Datasheet HTML 25Page - Dialog Semiconductor AS3820 Datasheet HTML 26Page - Dialog Semiconductor AS3820 Datasheet HTML 27Page - Dialog Semiconductor AS3820 Datasheet HTML 28Page - Dialog Semiconductor AS3820 Datasheet HTML 29Page - Dialog Semiconductor AS3820 Datasheet HTML 30Page - Dialog Semiconductor AS3820 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
27 of 52
05-Feb-2019
RegAddr: 0x19
RegAddr: 0x18
PWM2delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM2per[11:0] sets PWM2 delay
Table 27: PWM2delay
RegAddr: 0x1B
RegAddr: 0x1A
PWM3delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM3per[11:0] sets PWM3 delay
Table 28: PWM3delay
RegAddr: 0x1D
RegAddr: 0x1C
PWM4delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM4per[11:0] sets PWM4 delay
Table 29: PWM4delay
RegAddr: 0x1F
RegAddr: 0x1E
PWM5delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM5per[11:0] sets PWM5 delay
Table 30: PWM5delay
RegAddr: 0x21
RegAddr: 0x20
PWM6delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM6per[11:0] sets PWM6 delay
Table 31: PWM6delay
RegAddr: 0x23
RegAddr: 0x22
PWM7delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM7per[11:0] sets PWM7 delay
Table 32: PWM7delay
RegAddr: 0x25
RegAddr: 0x24
PWM8delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM8per[11:0] sets PWM8 delay
Table 33: PWM8delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52