Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3820 Fiches technique(PDF) 25 Page - Dialog Semiconductor

No de pièce AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Fiches technique(HTML) 25 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 21Page - Dialog Semiconductor AS3820 Datasheet HTML 22Page - Dialog Semiconductor AS3820 Datasheet HTML 23Page - Dialog Semiconductor AS3820 Datasheet HTML 24Page - Dialog Semiconductor AS3820 Datasheet HTML 25Page - Dialog Semiconductor AS3820 Datasheet HTML 26Page - Dialog Semiconductor AS3820 Datasheet HTML 27Page - Dialog Semiconductor AS3820 Datasheet HTML 28Page - Dialog Semiconductor AS3820 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
25 of 52
05-Feb-2019
8.2.6 VSYNC Detect
If the bit ”VSYNCdet” is set (Register “PWM_CTRL”) the VSYNC detector monitors the presence of a VSYNC signal.
If the VSYNC signal is missing for more than 100ms the following changes are done:
● In Register “STATUS” the bit “STAT novsync” is set
● Output xFAULT is acitivated (LOW)
● Current outputs are turned OFF. All register settings remain while the outputs are turned OFF
If the VSYNC signal is applied again the following changes are done:
● In Register “STATUS” the bit “STAT novsync” is reset
● Output xFAULT is deactivated
● Current outputs are turned ON
8.2.7 VSYNC Duration
Since the VSYNC input is connected to an edge detector, there is no restriction on the duration of the VSYNC pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52