Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3820 Fiches technique(PDF) 47 Page - Dialog Semiconductor

No de pièce AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Fiches technique(HTML) 47 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 43Page - Dialog Semiconductor AS3820 Datasheet HTML 44Page - Dialog Semiconductor AS3820 Datasheet HTML 45Page - Dialog Semiconductor AS3820 Datasheet HTML 46Page - Dialog Semiconductor AS3820 Datasheet HTML 47Page - Dialog Semiconductor AS3820 Datasheet HTML 48Page - Dialog Semiconductor AS3820 Datasheet HTML 49Page - Dialog Semiconductor AS3820 Datasheet HTML 50Page - Dialog Semiconductor AS3820 Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
47 of 52
05-Feb-2019
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
Default
0x30
PWM
14delLSB
pwm14
del7
pwm14
del6
pwm14
del5
pwm14
del4
pwm14
del3
pwm14
del2
pwm14
del1
pwm14
del0
0x00
0x31
PWM-
14delMSB
0
0
0
0
pwm14
del11
pwm14
del10
pwm14
del9
pwm14
del8
0x00
0x32
PWM
15delLSB
pwm15
del7
pwm15
del6
pwm15
del5
pwm15
del4
pwm15
del3
pwm15
del2
pwm15
del1
pwm15
del0
0x00
0x33
PWM-
15delMSB
0
0
0
0
pwm15
del11
pwm15
del10
pwm15
del9
pwm15
del8
0x00
0x34
PWM
16delLSB
pwm16
del7
pwm16
del6
pwm16
del5
pwm16
del4
pwm16
del3
pwm16
del2
pwm16
del1
pwm16
del0
0x00
0x35
PWM-
16delMSB
0
0
0
0
pwm16
del11
pwm16
del10
pwm16
del9
pwm16
del8
0x00
0x36
LOCKUN-
LOCK
Magic Byte
0x00
0x37
PWM1htLSB
pwm1
ht7
pwm1
ht6
pwm1
ht5
pwm1
ht4
pwm1
ht3
pwm1
ht2
pwm1
ht1
pwm1
ht0
0x00
0x38
PWM1htMSB
0
0
0
0
pwm1
ht11
pwm1
ht10
pwm1
ht9
pwm1
ht8
0x00
0x39
PWM2htLSB
ht
pwm2
ht6
pwm2
ht5
pwm2
ht4
pwm2
ht3
pwm2
ht2
pwm2
ht1
pwm2
ht0
0x00
0x3A PWM2htMSB
0
0
0
0
pwm2
ht11
pwm2
ht10
pwm2
ht9
pwm2
ht8
0x00
0x3B
PWM3htLSB
pwm3
ht7
pwm3
ht6
pwm3
ht5
pwm3
ht4
pwm3
ht3
pwm3
ht2
pwm3
ht1
pwm3
ht0
0x00
0x3C PWM3htMSB
0
0
0
0
pwm3
ht11
pwm3
ht10
pwm3
ht9
pwm3
ht8
0x00
0x3D
PWM4htLSB
pwm4
ht7
pwm4
ht6
pwm4
ht5
pwm4
ht4
pwm4
ht3
pwm4
ht2
pwm4
ht1
pwm4
ht0
0x00
0x3E PWM4htMSB
0
0
0
0
pwm4
ht11
pwm4
ht10
pwm4
ht9
pwm4
ht8
0x00
0x3F
PWM5htLSB
pwm5
ht7
pwm5
ht6
pwm5
ht5
pwm5
ht4
pwm5
ht3
pwm5
ht2
pwm5
ht1
pwm5
ht0
0x00
0x40
PWM5htMSB
0
0
0
0
pwm5
ht11
pwm5
ht10
pwm5
ht9
pwm5
ht8
0x00
0x41
PWM6htLSB
pwm6
ht7
pwm6
ht6
pwm6
ht5
pwm6
ht4
pwm6
ht3
pwm6
ht2
pwm6
ht1
pwm6
ht0
0x00
0x42
PWM6htMSB
0
0
0
0
pwm6
ht11
pwm6
ht10
pwm6
ht9
pwm6
ht8
0x00
0x43
PWM7htLSB
pwm7
ht7
pwm7
ht6
pwm7
ht5
pwm7
ht4
pwm7
ht3
pwm7
ht2
pwm7
ht1
pwm7
ht0
0x00
0x44
PWM7htMSB
0
0
0
0
pwm7
ht11
pwm7
ht10
pwm7
ht9
pwm7
ht8
0x00
0x45
PWM8htLSB
pwm8
ht7
pwm8
ht6
pwm8
ht5
pwm8
ht4
pwm8
ht3
pwm8
ht2
pwm8
ht1
pwm8
ht0
0x00
0x46
PWM8htMSB
0
0
0
0
pwm8
ht11
pwm8
ht10
pwm8
ht9
pwm8
ht8
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52