Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3820 Fiches technique(PDF) 28 Page - Dialog Semiconductor

No de pièce AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Fiches technique(HTML) 28 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 24Page - Dialog Semiconductor AS3820 Datasheet HTML 25Page - Dialog Semiconductor AS3820 Datasheet HTML 26Page - Dialog Semiconductor AS3820 Datasheet HTML 27Page - Dialog Semiconductor AS3820 Datasheet HTML 28Page - Dialog Semiconductor AS3820 Datasheet HTML 29Page - Dialog Semiconductor AS3820 Datasheet HTML 30Page - Dialog Semiconductor AS3820 Datasheet HTML 31Page - Dialog Semiconductor AS3820 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
28 of 52
05-Feb-2019
RegAddr: 0x27
RegAddr: 0x26
PWM9delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM9per[11:0] sets PWM9 delay
Table 34: PWM9delay
RegAddr: 0x29
RegAddr: 0x28
PWM10delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM10per[11:0] sets PWM10 delay
Table 35: PWM10delay
RegAddr: 0x2B
RegAddr: 0x2A
PWM11delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM11per[11:0] sets PWM11 delay
Table 36: PWM11delay
RegAddr: 0x2D
RegAddr: 0x2C
PWM12delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM12per[11:0] sets PWM12 delay
Table 37: PWM12delay
RegAddr: 0x2F
RegAddr: 0x2E
PWM13delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM13per[11:0] sets PWM13 delay
Table 38: PWM13delay
RegAddr: 0x31
RegAddr: 0x30
PWM14delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM14per[11:0] sets PWM14 delay
Table 39: PWM14delay
RegAddr: 0x33
RegAddr: 0x32
PWM15delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM15per[11:0] sets PWM15 delay
Table 40: PWM15delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52