Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 184 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 184 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 180Page - NXP Semiconductors HCS08 Datasheet HTML 181Page - NXP Semiconductors HCS08 Datasheet HTML 182Page - NXP Semiconductors HCS08 Datasheet HTML 183Page - NXP Semiconductors HCS08 Datasheet HTML 184Page - NXP Semiconductors HCS08 Datasheet HTML 185Page - NXP Semiconductors HCS08 Datasheet HTML 186Page - NXP Semiconductors HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
184
Freescale Semiconductor
12.3
Register Definition
12.3.1
MCG Control Register 1 (MCGC1)
7
6
5
432
1
0
R
CLKS
RDIV
IREFS
IRCLKEN
IREFSTEN
W
Reset:
0
0
0
0
0
1
0
0
Figure 12-3. MCG Control Register 1 (MCGC1)
Table 12-1. MCG Control Register 1 Field Descriptions
Field
Description
7:6
CLKS
Clock Source Select — Selects the system clock source.
00
Encoding 0 — Output of FLL or PLL is selected.
01
Encoding 1 — Internal reference clock is selected.
10
Encoding 2 — External reference clock is selected.
11
Encoding 3 — Reserved, defaults to 00.
5:3
RDIV
Reference Divider — Selects the amount to divide down the reference clock selected by the IREFS bit. If the
FLL is selected, the resulting frequency must be in the range 31.25 kHz to 39.0625 kHz. If the PLL is selected,
the resulting frequency must be in the range 1 MHz to 2 MHz.
000 Encoding 0 — Divides reference clock by 1 (reset default)
001 Encoding 1 — Divides reference clock by 2
010 Encoding 2 — Divides reference clock by 4
011 Encoding 3 — Divides reference clock by 8
100 Encoding 4 — Divides reference clock by 16
101 Encoding 5 — Divides reference clock by 32
110 Encoding 6 — Divides reference clock by 64
111 Encoding 7 — Divides reference clock by 128
2
IREFS
Internal Reference Select — Selects the reference clock source.
1 Internal reference clock selected
0 External reference clock selected
1
IRCLKEN
Internal Reference Clock Enable — Enables the internal reference clock for use as MCGIRCLK.
1 MCGIRCLK active
0 MCGIRCLK inactive
0
IREFSTEN
Internal Reference Stop Enable — Controls whether or not the internal reference clock remains enabled when
the MCG enters stop mode.
1 Internal reference clock stays enabled in stop if IRCLKEN is set or if MCG is in FEI, FBI, or BLPI mode before
entering stop
0 Internal reference clock is disabled in stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com