Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56857 Fiches technique(PDF) 167 Page - Freescale Semiconductor, Inc

No de pièce DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Fiches technique(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 163Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 164Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 662 page
background image
OCCS Interrupts
On-Chip Clock Synthesis (OCCS), Rev. 4
Freescale Semiconductor
6-17
6.8 OCCS Interrupts
The CGM generates a single interrupt request to the INTC. This interrupt is generated by the lock
detector circuitry LCK0 and LCK1 outputs and is enabled by the LCK0 Interrupt Enable and
LCK1 Interrupt Enable bits in the CGMCR. This interrupt can be used to detect when the PLL
goes into lock or when it falls out of lock. The interrupt is cleared by writing a 1 to the LCK0
and/or LCK1 bits of the CGMCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More