| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 132 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 132 Page - Freescale Semiconductor, Inc |
|
132 / 662 page ![]() Module Memory Map 5685X Digital Signal Controller User Manual, Rev. 4 5-6 Freescale Semiconductor 5.5 Module Memory Map The address of a register is the sum of a base address and an address offset. The base address is defined at the device level. Registers are summarized in Table 5-1. Table 5-1. EMI Module Memory Map (EMI_BASE = $1FFE40) Address Offset Register Acronym Register Name Chapter Location Base + $0 CSBAR0 Chip Select Base Address Register 0 Section 5.6.1 Base + $1 CSBAR1 Chip Select Base Address Register 1 Base + $2 CSBAR2 Chip Select Base Address Register 2 Base + $3 CSBAR3 Chip Select Base Address Register 3 Base + $8 CSOR0 Chip Select Option Register 0 Section 5.6.2 Base + $9 CSOR1 Chip Select Option Register 1 Base + $A CSOR2 Chip Select Option Register 2 Base + $B CSOR3 Chip Select Option Register 3 Base + $10 CSTC0 Chip Select Timing Control Register 0 Section 5.6.3 Base + $11 CSTC1 Chip Select Timing Control Register 1 Base + $12 CSTC2 Chip Select Timing Control Register 2 Base + $13 CSTC3 Chip Select Timing Control Register 3 Base + $18 BCR Bus Control Register Section 5.6.4 |